cmudm7001 surface mount n-channel enhancement-mode silicon mosfet description: the central semiconductor cmudm7001 is an n-channel enhancement-mode silicon mosfet, manufactured by the n-channel dmos process, designed for high speed pulsed amplifier and driver applications. this mosfet offers low r ds(on) and low theshold voltage. marking code: c7a features: ? power dissipation 250mw ? low r ds( on ) ? low threshold voltage ? logic level compatible ? small, sot-523 surface mount package ? complementary device: cmudm8001 applications: ? load/power switches ? power supply converter circuits ? battery powered portable equipment maximum ratings: (t a =25c) symbol units drain-source voltage v ds 20 v gate-source voltage v gs 10 v continuous drain current (steady state) i d 100 ma continuous drain current i d 200 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i gssf , i gssr v gs =10v, v ds =0 1.0 a i dss v ds =20v, v gs =0 1.0 a bv dss v gs =0, i d =100a 20 v v gs(th) v ds =v gs , i d =250a 0.6 0.9 v r ds(on) v gs =4.0v, i d =10ma 0.9 3.0 r ds(on) v gs =2.5v, i d =10ma 1.3 4.0 r ds(on) v gs =1.5v, i d =1.0ma 15 q g(tot) v ds =10v, v gs =4.5v, i d =100ma 0.566 nc q gs v ds =10v, v gs =4.5v, i d =100ma 0.16 nc q gd v ds =10v, v gs =4.5v, i d =100ma 0.08 nc g fs v ds =10v, i d =100ma 100 ms c rss v ds =3.0v, v gs =0, f=1.0mhz 4.0 pf c iss v ds =3.0v, v gs =0, f=1.0mhz 9.0 pf c oss v ds =3.0v, v gs =0, f=1.0mhz 9.5 pf t on v dd =3.0v, v gs =2.5v, i d =10ma 50 ns t off v dd =3.0v, v gs =2.5v, i d =10ma 75 ns sot-523 case r3 (22-august 2011) www.centralsemi.com
cmudm7001 surface mount n-channel enhancement-mode silicon mosfet sot-523 case - mechanical outline lead code: 1) gate 2) source 3) drain marking code: c7a (bottom view) www.centralsemi.com r3 (22-august 2011)
|